PART |
Description |
Maker |
DS1857 |
Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
|
MAXIM - Dallas Semiconductor
|
EPA1145-75 EPA1145-250 EPA1145-350 EPA1145-4 EPA11 |
Tapped Delay Line Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: 0°C to 70°C; Package: 24-SOIC Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: -40°C to 85°C; Package: 24-TSSOP Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: -40°C to 85°C; Package: 24-PDIP Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: 0°C to 70°C; Package: 24-TSSOP Low Noise, Low Power, 2-Wire Bus Dual Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 24-SOIC Low Noise, Low Power, 2-Wire Bus Dual Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-TSSOP 抽头延迟
|
Molex, Inc.
|
DS1854 DS1854B-050 DS1854E-050 S1854 |
Dual Temperature-Controlled Resistors with Two Monitors
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
DS1859E-015 DS1859E-015TR DS1859E-050TR |
Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
|
MAXIM - Dallas Semiconductor
|
X9221A06 X9221AYSZ X9221AUP X9221AUPI X9221AUPIZ X |
Dual Digitally Controlled Potentiometer Dual Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 20-SOIC T&R DUAL 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20 Dual Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 20-SOIC DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
EPA209-30 EPA209-10 EPA209-100 EPA209-15 EPA209-2 |
14 Pin DIP TTL Square-Wave Generator With Complimentary Output Analog IC Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled); Temperature Range: -40°C to 85°C; Package: 8-SOIC Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled); Temperature Range: -40°C to 85°C; Package: 8-PDIP
|
PCA ELECTRONICS INC.
|
EP1K50TC144-1DX EP1K50TI144-1DX EP1K50FC484-2F EP1 |
Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 6-SC-70 T&R Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 5-SC-70 T&R Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA Field Programmable Gate Array (FPGA) 现场可编程门阵列FPGA Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 6-SC-70 T&R 现场可编程门阵列(FPGA Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R
|
Taiyo Yuden Co., Ltd. Nihon Inter Electronics, Corp. Vectron International, Inc. Samsung Semiconductor Co., Ltd.
|
VTC4-D22E-12M800 VTC4-D23C-12M800 VTC4-D24A-12M800 |
Voltage Controlled Temperature Compensated Crystal Oscillator TCVCXO, CLIPPED SINE OUTPUT, 12.8 MHz Voltage Controlled Temperature Compensated Crystal Oscillator TCXO, CLIPPED SINE OUTPUT, 12.8 MHz Voltage Controlled Temperature Compensated Crystal Oscillator 压控温度补偿晶体振荡
|
Vectron International, Inc.
|
MAX6505 MAXIM MAX6506 MAX6507 MAX6508 MAX6505UTP01 |
Trip temperature -10, 30 mA, dual trip SOT temperature switch Trip point 35, 30 mA, dual trip SOT temperature switch Trip point 20, 30 mA, dual trip SOT temperature switch Trip temperature 85, 30 mA, dual trip SOT temperature switch Trip temperature 90, 30 mA, dual trip SOT temperature switch Trip temperature 65, 30 mA, dual trip SOT temperature switch Trip temperature 45, 30 mA, dual trip SOT temperature switch Trip temperature 15, 30 mA, dual trip SOT temperature switch Trip point -15, 30 mA, dual trip SOT temperature switch Trip point -35, 30 mA, dual trip SOT temperature switch Trip point -10, 30 mA, dual trip SOT temperature switch Trip point -5, 30 mA, dual trip SOT temperature switch Trip point 0, 30 mA, dual trip SOT temperature switch Trip temperature 95, 30 mA, dual trip SOT temperature switch Trip temperature 110, 30 mA, dual trip SOT temperature switch Trip temperature -20, 30 mA, dual trip SOT temperature switch Trip temperature 75, 30 mA, dual trip SOT temperature switch Trip point 70, 30 mA, dual trip SOT temperature switch Trip point 10, 30 mA, dual trip SOT temperature switch Dual Trip SOT Temperature Switches Trip point 5, 30 mA, dual trip SOT temperature switch Trip point 75, 30 mA, dual trip SOT temperature switch Trip temperature -25, 30 mA, dual trip SOT temperature switch Trip temperature -15, 30 mA, dual trip SOT temperature switch Trip point -30, 30 mA, dual trip SOT temperature switch Trip temperature 35, 30 mA, dual trip SOT temperature switch Trip temperature 55, 30 mA, dual trip SOT temperature switch Trip temperature 70, 30 mA, dual trip SOT temperature switch Trip temperature 40, 30 mA, dual trip SOT temperature switch Trip temperature 105, 30 mA, dual trip SOT temperature switch Trip point 25, 30 mA, dual trip SOT temperature switch Trip point 45, 30 mA, dual trip SOT temperature switch
|
MAX6508 MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
EPA2398-60 EPA2398-600 EPA2398-40 EPA2398-35 EPA23 |
Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-SOIC Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-PDIP Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Delay Line 延迟
|
Belden, Inc. TE Connectivity, Ltd. EPCOS AG
|
EPA1140-350 EPA1140-175 EPA1140-225 EPA1140-450 EP |
Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: -40°C to 85°C; Package: 24-SOIC Tapped Delay Line Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-TSSOP T&R Quad Digitally Controlled Potentiometers (XDCP™); Temperature Range: 0°C to 70°C; Package: 24-SOIC 抽头延迟
|
Glenair, Inc.
|
|